Part Number Hot Search : 
NUB611T 0505X D8224 4431A UF101 D70N0 SRF10201 A200012
Product Description
Full Text Search
 

To Download BGY89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
BGY89 CATV amplifier module
Product specification File under Discrete Semiconductors, SC16 February 1995
Philips Semiconductors
Philips Semiconductors
Product specification
CATV amplifier module
FEATURES * Excellent linearity * Extremely low noise * Silicon nitride passivation * Rugged construction * TiPtAu metallized crystals ensure optimal reliability. DESCRIPTION Hybrid amplifier module for CATV systems operating over a frequency range of 40 to 450 MHz at a voltage supply of 24 V (DC). The module is intended for use as a line-extender. QUICK REFERENCE DATA SYMBOL Gp Itot PARAMETER power gain total current consumption (DC) CONDITIONS f = 50 MHz VB = 24 V - MIN. 37 - 320 TYP. PINNING - SOT115J PIN 1 2 3 5 7 8 9 input common common +VB common common output
Side view
BGY89
DESCRIPTION
fpage
1
2
3
8 579
MSA319
Fig.1 Simplified outline.
MAX. 39 340
UNIT dB mA
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL Vi Tstg Tmb RF input voltage storage temperature operating mounting base temperature PARAMETER - -40 -20 MIN. 55 +100 +100 MAX. C C UNIT dBmV
February 1995
2
Philips Semiconductors
Product specification
CATV amplifier module
CHARACTERISTICS Bandwidth 40 to 450 MHz; VB = 24 V; Tmb = 35 C; ZS = ZL = 75 . SYMBOL Gp SL FL S11 power gain slope cable equivalent flatness of frequency response input return losses PARAMETER CONDITIONS f = 50 MHz f = 450 MHz f = 40 to 450 MHz f = 40 to 450 MHz f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz S22 output return losses f = 40 to 80 MHz f = 80 to 160 MHz f = 160 to 450 MHz S21 CTB phase response composite triple beat f = 50 MHz 60 channels flat; Vo = 46 dBmV; measured at 445.25 MHz 60 channels flat; Vo = 46 dBmV; measured at 55.25 MHz 60 channels flat; Vo = 46 dBmV; measured at 446.5 MHz note 1 dim = -60 dB; note 2 f = 450 MHz note 3 MIN. 37 37 0 - 20 19 18 20 19 18 -45 - - - - - - - - - - - - - TYP.
BGY89
MAX. 39 - 2.5 0.4 - - - - - - +45 -58
UNIT dB dB dB dB dB dB dB dB dB dB deg dB
Xmod
cross modulation
-
-
-58
dB
CSO
composite second order distortion
-
-
-58
dB
d2 Vo F Itot Notes
second order distortion output voltage noise figure total current consumption (DC)
- 63 - -
- - - 320
-70 - 5.5 340
dB dBmV dB mA
1. fp = 55.25 MHz; Vp = 46 dBmV; fq = 343.25 MHz; Vq = 46 dBmV; measured at fp + fq = 398.5 MHz. 2. Measured according to DIN45004B: fp = 440.25 MHz; Vp = Vo = 63 dBmV; fq = 447.25 MHz; Vq = Vo -6 dB; fr = 449.25 MHz; Vr = Vo -6 dB; measured at fp + fq - fr = 438.25 MHz. 3. The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
February 1995
3


▲Up To Search▲   

 
Price & Availability of BGY89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X